Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 438 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 438 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 442Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-18
Freescale Semiconductor
19
BCTLD Data buffer control disable. Disables the assertion of BCTL
x (60x bus) and LWR (local bus) during
an access to the current memory bank. See Section 11.2.7, “Data Buffer Controls (BCTLx and
LWR).”
0BCTL
x and LWR are asserted upon an access to the current memory bank.
1BCTL
x and LWR are not asserted upon an access to the current memory bank.
20
CSNT
Chip-select negation time. Determines when CS/WE are negated during an external memory write
access handled by the GPCM. This helps meet address/data hold times for slow memories and
peripherals.
0CS/WE are negated normally.
1CS/WE are negated a quarter of a clock earlier. (default)
Note: After system reset OR0[CSNT] is set.
21–22
ACS
Address to chip select setup. Can be used when the external memory access is handled by the
GPCM. It allows the delay of the CS assertion relative to the address change.
00 CS is output at the same time as the address lines
01 Reserved
10 CS is output a quarter of a clock after the address lines
11 CS is output half a clock after the address lines (default)
Note: After a system reset, OR0[ACS] = 11.
23
—
Reserved, should be cleared.
24–27
SCY
Cycle length in clocks. Determines the number of wait states inserted in the cycle, when the GPCM.
handles the external memory access. Thus it is the main parameter for determining cycle length.
The total cycle length depends on other timing attribute settings.
The total memory access length is (2 + SCY) x Clocks.
If the user selects an external PSDVAL response for this memory bank (by setting the SETA bit),
write a non-zero values to SCY.
0000 = 0 clock cycle wait states...1111 = 15 clock cycles wait states
Note: After a system reset, OR0[SCY] = 1111.
Note: Refer to the note immediately following this table.
28
SETA
External access termination (PSDVAL generation). Used to specify that when the GPCM is selected
to handle the memory access initiated to this memory region, the access is terminated externally by
asserting the GTA external pin. In this case, PSDVAL is asserted one or two clocks later, depending
on the synchronization of GTA. See Section 11.5.2, “External Access Termination.”
0 PSDVAL is generated internally by the memory controller unless GTA is asserted earlier
externally.
1 PSDVAL is generated after external logic asserts GTA.
Note: After a system reset, the OR0[SETA] is cleared.
29
TRLX
Timing relaxed. Works in conjunction with EHTR.
30
EHTR
Extended hold time on read accesses. Indicates with TRLX how many cycles are inserted between
a read access from the current bank and the next write access to the same bank, or any type of
access to another bank. It does not affect subsequent read accesses to the same bank.
TRLX and EHTR work together and are interpreted as follows:
00 Normal timing is generated by the memory controller. No additional cycles are inserted.
01 One idle clock cycle is inserted.
10 Four idle clock cycles are inserted. (default)
11 Eight idle clock cycles are inserted.
31
—
Reserved, should be cleared.
Table 11-6. OR
x—GPCM Mode Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com