Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 442 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 442 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 446Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-22
Freescale Semiconductor
SDRAM Device–Specific Parameters:
14–16
RFRC
Refresh recovery. Defines the earliest timing for an activate command after a REFRESH
command. Sets the refresh recovery interval in clock cycles. See Section 11.4.6.6, “Refresh
Recovery Interval (RFRC),” for how to set this field.
000 Reserved
001 3 clocks
010 4 clocks
011 5 clocks
100 6 clocks
101 7 clocks
110 8 clocks
111 16 clocks
17–19 PRETOACT Precharge to activate interval. Defines the earliest timing for ACTIVATE or REFRESH command
after a precharge command. See Section 11.4.6.1, “Precharge-to-Activate Interval.”
001 1 clock-cycle wait states
010 2 clock-cycle wait states
...
111 7 clock-cycle wait states
000 8 clock-cycle wait states
20–22
ACTTORW
Activate to read/write interval. Defines the earliest timing for READ/WRITE command after an
ACTIVATE
command. See Section 11.4.6.2, “Activate to Read/Write Interval.”
001 1 clock cycle
010 2 clock cycles
...
111 7 clock cycles
000 8 clock cycles
23
BL
Burst length
0 SDRAM burst length is 4. Use this value if the device port size is 64 or 16
1 SDRAM burst length is 8. Use this value if the device port size is 32 or 8
24–25 LDOTOPRE Last data out to precharge. Defines the earliest timing for PRECHARGE command after the last
data was read from the SDRAM. See Section 11.4.6.4, “Last Data Out to Precharge.”
00 0 clock cycles
01 -1 clock cycle
10 -2 clock cycles
11 Reserved
Note: A value of 0b00 (0 clock cycles) gives the longest time while a value of 0b10 (-2 clock
cycles) gives the least.
26–27
WRC
Write recovery time. Defines the earliest timing for PRECHARGE command after the last data was
written to the SDRAM. See Section 11.4.6.5, “Last Data In to Precharge—Write Recovery.”
01 1 clock cycles
10 2 clock cycles
11 3 clock cycles
00 4 clock cycles
Table 11-8. PSDMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com