Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 447 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 447 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 446Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 447Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 449Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 450Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 451Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-27
Table 11-10 describes MxMR bits.
Table 11-10. Machine x Mode Registers (M
xMR)
Bits
Name
Description
0
BSEL
Bus select. Assigns banks that select UPM
x to the 60x or local bus.
0 Banks that select UPMx are assigned to the 60x bus.
1 Banks that select UPMx are assigned to the local bus.
Note: If refresh is required, the UPM’s should be assigned as follows:
UPMA: 60x bus (if 60x bus refresh needed)
UPMB: Local bus (if local bus refresh required)
UPMC: Any bus, as long as UPMA or UPMB is used on the relevant bus.
See Section 11.6.1.2, “UPM Refresh Timer Requests.”
1
RFEN
Refresh enable. Indicates that the UPM needs refresh services.
0 Refresh services are not required
1 Refresh services are required
See Section 11.3.8, “60x Bus-Assigned UPM Refresh Timer (PURT),” Section 11.3.9, “Local
Bus-Assigned UPM Refresh Timer (LURT),” Section 11.3.10, “60x Bus-Assigned SDRAM
Refresh Timer (PSRT),” and Section 11.3.11, “Local Bus-Assigned SDRAM Refresh Timer
(LSRT).”
2–3
OP
Command opcode. Determines the command executed by the UPMx when a memory access
hit a UPM assigned bank.
00 Normal operation.
01 Write to array. On the next memory access that hits a UPM assigned bank, write the
contents of the MDR into the RAM location pointed by MAD. After the access, the MAD field
is automatically incremented.
10 Read from array. On the next memory access that hits a UPM assigned bank, read the
contents of the RAM location pointed by MAD into the MDR. After the access, the MAD field
is automatically incremented
11 Run pattern. On the next memory access that hits a UPM assigned bank, run the pattern
written in the RAM array. The pattern run starts at the location pointed by MAD and
continues until the LAST bit is set in the RAM.
Note: RLF determines the number of times a loop is executed during a pattern run.
4
—
Reserved, should be cleared.
5–7
AMx
Address multiplex size. Determines how the address of the current memory cycle can be output
on the address pins. The address output on the pins controlled by the contents of the UPM
x
RAM array. This field is useful when connecting the MPC8280 to DRAM devices requiring row
and column addresses multiplexed on the same pins.
See Section 11.6.4.2, “Address Multiplexing.”
8–9
DSx
Disable timer period. Guarantees a minimum time between accesses to the same memory
bank if it is controlled by the UPMx. The disable timer is turned on by the TODT in the RAM
array, and when expired, the UPMx allows the machine access to handle a memory pattern to
the same memory region. Accesses to a different memory region by the same UPMx will be
allowed.
00 1-cycle disable period
01 2-cycle disable period
10 3-cycle disable period
11 4-cycle disable period
Note: To avoid conflicts between successive accesses to different memory regions, the
minimum pattern in the RAM array for a request serviced should not be shorter than the
period established by DS
x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com