Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 450 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 450 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 446Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 447Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 449Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 450Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 451Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 452Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 454Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-30
Freescale Semiconductor
Table 11-12 describes MAR fields.
11.3.8
60x Bus-Assigned UPM Refresh Timer (PURT)
The 60x bus assigned UPM refresh timer register (PURT) is shown in Figure 11-14.
Table 11-13 describes PURT fields.
11.3.9
Local Bus-Assigned UPM Refresh Timer (LURT)
The local bus assigned UPM refresh timer register (LURT) is shown in Figure 11-15.
Table 11-12. MAR Field Description
Bits
Name
Description
0–31
A
Memory address. The memory address register can be output to the address lines under control of
the AMX bits in the UPM
0
7
Field
PURT
Reset
0000_0000
R/W
R/W
Addr
0x10198
Figure 11-14. 60x Bus-Assigned UPM Refresh Timer (PURT)
Table 11-13. 60x Bus-Assigned UPM Refresh Timer (PURT)
Bits
Name
Description
0–7
PURT
Refresh timer period. Determines the timer period according to the following equation:
This timer generates a refresh request for all valid banks that selected a UPM machine assigned to
the 60x bus (M
xMR[BSEL] = 0) and is refresh-enabled (MxMR[RFEN] = 1). Each time the timer
expires, a qualified bank generates a refresh request using the selected UPM. The qualified banks
are rotating their requests.
Example: For a 25-MHz system clock and a required service rate of 15.6 µs, given
MPTPR[PTP] = 31, the PURT value should be 11decimal. (12*32)/25 MHz = 15.36 µs, which is less
than the required service period of 15.6 µs.
0
7
Field
LURT
Reset
0000_0000
R/W
R/W
Addr
0x101A0
Figure 11-15. Local Bus-Assigned UPM Refresh Timer (LURT)
TimerP eriod
PURT
1
+
()
MPTPR PTP
[] 1
+
()
×
Bus Frequency
----------------------------------------------------------------------------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com