Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 448 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 448 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 446Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 447Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 449Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 450Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 451Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 452Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-28
Freescale Semiconductor
11.3.6
Memory Data Register (MDR)
The memory data register (MDR), shown in Figure 11-12, contains data written to or read from the RAM
array for UPM READ or WRITE commands. MDR must be set up before issuing a write command to the
UPM.
10–12
G0CLx
General line 0 control. Determines which address line can be output to the GPL0 pin when the
UPMx is selected to control the memory access.
000 A12
001 A11
010 A10
011 A9
100 A8
101 A7
110 A6
111 A5
13
GPL_x4DIS GPL_A4 output line disable. Determines if the UPMWAIT/GTA/GPL_4 pin behaves as an output
line controlled by the corresponding bits in the UPMx array (GPL4x).
0UPMWAIT/GTA/GPL_x4 behaves as GPL_4.
UPMx[G4T4/DLT3] is interpreted as G4T4.
The UPMx[G4T3/WAEN] is interpreted as G4T3.
1UPMWAIT/GTA/GPL_x4 behaves as UPMWAIT.
UPMx[G4T4/DLT3] is interpreted as DLT3.
UPMx[G4T3/WAEN] is interpreted as WAEN.
Note: After a system reset, GPL_x4DIS = 1.
14–17
RLFx
Read loop field. Determines the number of times a loop defined in the UPMx will be executed
for a burst- or single-beat read pattern or when M
xMR[OP] = 11 (RUN command)
0001 The loop is executed 1 time
0010 The loop is executed 2 times
...
1111 The loop is executed 15 times
0000 The loop is executed 16 times
18–21
WLFx
Write loop field. Determines the number of times a loop defined in the UPMx will be executed
for a burst- or single-beat write pattern.
0001 The loop is executed 1 time
0010 The loop is executed 2 times
...
1111 The loop is executed 15 times
0000 The loop is executed 16 times
22–25
TLFx
Refresh loop field. Determines the number of times a loop defined in the UPMx will be executed
for a refresh service pattern.
0001 The loop is executed 1 time
0010 The loop is executed 2 times
...
1111 The loop is executed 15 times
0000 The loop is executed 16 times
26–31
MAD
Machine address. RAM address pointer for the command executed. This field is incremented
by 1, each time the UPM is accessed and the OP field is set to WRITE or READ.
Table 11-10. Machine x Mode Registers (M
xMR) (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com