Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 452 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 452 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 448Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 449Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 450Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 451Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 452Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 456Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-32
Freescale Semiconductor
11.3.11 Local Bus-Assigned SDRAM Refresh Timer (LSRT)
The local bus-assigned SDRAM refresh timer register (LSRT) is shown in Figure 11-17.
Table 11-16 describes LSRT fields.
11.3.12 Memory Refresh Timer Prescaler Register (MPTPR)
Figure 11-18 shows the memory refresh timer prescaler register (MPTPR).
Table 11-17 describes MPTPR fields.
0
7
Field
LSRT
Reset
0000_0000
R/W
R/W
Addr
0x101A4
Figure 11-17. Local Bus-Assigned SDRAM Refresh Timer (LSRT)
Table 11-16. LSRT Field Descriptions
Bits
Name
Description
0–7
LSRT
Refresh timer period. Determines the timer period according to the following equation:
This timer generates refresh requests for all valid banks that selected a SDRAM machine assigned
to the local bus and is refresh enabled (LSDMR[RFEN] = 1). Each time the timer expires, all banks
that qualify generate a bank staggering auto refresh request using the SDRAM machine. See
Section 11.4.10, “SDRAM Refresh.”
Example: For a 25-MHz system clock and a required service rate of 15.6 µs, given
MPTPR[PTP] = 31, the LSRTvalue should be 11decimal. (12*32)/25 MHz = 15.36 µs, which is less
than the required service period of 15.6 µs.
07
8
15
Field
PTP
—
Reset
undefined
R/W
R/W
Addr
0x10184
Figure 11-18. Memory Refresh Timer Prescaler Register (MPTPR)
Table 11-17. MPTPR Field Descriptions
Bits
Name
Description
0–7
PTP
Refresh timers prescaler. Determines the period of the memory refresh timers input clock. It divides
the
bus clock. Prescaler clock frequency = Bus frequency / (PTP + 1).
8–15
—
Reserved, should be cleared
TimerP eriod
LSRT
1
+
()
MPTPR PTP
[] 1
+
()
×
Bus Frequency
---------------------------------------------------------------------------------------
⎝⎠
⎛⎞
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com