Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 455 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 455 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 451Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 452Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 456Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 457Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 459Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-35
11.4.1
Supported SDRAM Configurations
The MPC8280 memory controller supports any SDRAM configuration under the restrictions that all
SDRAM devices that reside on the same bus (60x or local) should have the same port size and timing
parameters. For more information, refer to Application Note 2165, “MPC8260 SDRAM Support” (order
number AN2165/D).
11.4.2
SDRAM Power-On Initialization
At system reset, initialization software must set up the programmable parameters in the memory controller
banks registers (ORx, BRx, P/LSDMR). After all memory parameters are configured, system software
should execute the following initialization sequence for each SDRAM device.
1. Issue a PRECHARGE-ALL-BANKS command
2. Issue eight CBR REFRESH commands. If the SDRAM does not require eight CBR REFRESH
commands, then the SDRAM requirement should be followed.
3. Issue a MODE-SET command to initialize the mode register
The initial commands are executed by setting P/LSDMR[OP] and accessing the SDRAM with a
single-byte transaction. See Figure 11-10 on page 11-20.
Note that software should ensure that no memory operations begin until this process completes.
11.4.3
JEDEC-Standard SDRAM Interface Commands
The MPC8280 performs all accesses to SDRAM by using JEDEC-standard SDRAM interface commands.
The SDRAM device samples the command and data inputs on the rising edge of the MPC8280 bus clock.
Data at the output of the SDRAM device must be sampled on the rising edge of the MPC8280 bus clock.
As seen in Table 11-19, the MPC8280 provides the following SDRAM interface commands:
Table 11-19. SDRAM Interface Commands
Command
Description
Bank-activate
Latches the row address and initiates a memory read of that row. Row data is latched in SDRAM
sense amplifiers and must be restored with a PRECHARGE command before another BANK-ACTIVATE
is issued.
Mode-set
Allows setting of SDRAM options—CAS latency, burst type, and burst length. CAS latency depends
on the SDRAM device used (some SDRAMs provide CAS latency of 1, 2, or 3; some provide a
latency of 1, 2, 3, or 4, etc.). Burst type must be chosen according to the 60x cache wrap
(sequential). Although some SDRAMs provide burst lengths of 1, 2, 4, 8, or a page, MPC8280
supports only a 4-beat burst for 64-bit port size and an 8-beat burst for 32-bit port size. MPC8280
does not support burst lengths of 1, 2, and a page for SDRAMs. The mode register data (CAS
latency, burst length, and burst type) is programmed into the P/LSDMR register by initialization
software at reset. After the P/LSDMR is set, the MPC8280 transfers the information to the SDRAM
array by issuing a MODE-SET command. Section 11.4.9, “SDRAM Mode-Set Command Timing,”
gives timing information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com