Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 457 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 457 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 456Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 457Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 459Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 460Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 461Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-37
allowing interleaving on every page boundary. It is activated by setting xSDMR[PBI]=1. See
“0xSDRAM Configuration Example (Page-Based Interleaving)”.
•
Bank-based interleaving —This method uses the most-significant address bits as the bank-select
for the SDRAM, thus allowing interleaving only on bank boundaries. It is activated by clearing
xSDMR[PBI]. See Section 11.4.12, “SDRAM Configuration Examples.”
11.4.5.1
Using BNKSEL Signals in Single-MPC8280 Bus Mode
The BNKSEL signals provide the following functionality in single-MPC8280 bus mode
•
If bank-based interleaving is used, BNKSEL signals facilitate compatibility with SDRAMs that
have different numbers of row or column address lines. The address lines of the MPC8280 bus and
the BNKSEL lines can be routed independently to the address lines and BA lines of the DIMM.
Note that all SDRAMs populated on an MPC8280 bus must still have the same organization. This
flexibility merely allows the SDRAMs to be populated as a group with larger or smaller devices as
appropriate.
If BNKSEL lines were not used, the number of row and column address lines of the SDRAMs
would affect which MPC8280 address bus lines on which the bank select signals would be driven,
and would thus require that the BA signals of the SDRAMs be routed to those address lines, thus
limiting flexibility.
•
If BCR[EAV] is programmed, BNKSEL signals facilitate logic analysis of the system. Otherwise,
the logic analyzer equipment must understand the address multiplexing scheme of the board and
intelligently reconstruct the address of bus transactions.
11.4.5.2
SDRAM Address Multiplexing (SDAM and BSMA)
In single MPC8280 mode, the lower bits of the address bus are connected to the device’s address port, and
the memory controller multiplex the row/column and the internal banks select lines, according to the
PL/SDMR[SDAM] and PL/SDMR[BSMA].
Table 11-20. shows how P/LSDMR[SDAM] settings affect address multiplexing. For the effect of
PL/SDMR[BSMA] see Section 11.4.12, “SDRAM Configuration Examples.”
Note that in 60x-compatible mode, the 60x address must be latched and multiplexed by glue logic that is
controlled by ALE and SDAMUX, however, the user still has to configure PSDMR[SDAM].
On the local bus, only the lower 18 bits of the address are output. Table 11-20 shows SDRAM address
multiplexing for A0–A15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com