Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 456 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 456 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 452Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 453Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 456Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 457Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 459Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 460Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-36
Freescale Semiconductor
11.4.4
Page-Mode Support and Pipeline Accesses
The SDRAM interface supports back-to-back page mode. A page remains open as long as back-to-back
accesses that hit the page are generated on the bus. The page is closed once the bus becomes idle unless
ORx[PMSEL] is set.
The use of SDRAM pipelining allows data phases to occur on with zero bubbles for CPM accesses and
with one bubble for core accesses, as required by the 60x bus specification.
If ETM/LETM = 1, the use of SDRAM pipelining also allows for back-to-back data phases to occur with
zero clocks of separation for CPM accesses and with one clock of separation for core accesses, as required
by the 60x bus specification.
11.4.5
Bank Interleaving
The SDRAM interface supports bank interleaving. This means that if a missed page is in a different
SDRAM bank than the currently open page, the SDRAM machine first issues an ACTIVATE command to
the new page and later issues a DEACTIVATE command to the old page, thus eliminating the DEACTIVATE
time overhead.
This procedure can be done if both pages reside on different SDRAM devices or on different internal
SDRAM banks. The second option can be disabled by setting ORx[IBID]. The user should set this bit if
the BNKSEL pins are not used in 60x-compatible mode.
The following two methods are used for internal bank interleaving:
•
Page-based interleaving—Page-based interleaving yields the best performance and is the preferred
interleaving method. This method uses low address bits as the Bank-Select for the SDRAM, thus
Precharge
(single bank/all
banks)
Restores data from the sense amplifiers to the appropriate row. Also initializes the sense amplifiers
to prepare for reading another row in the SDRAM array. A PRECHARGE command must be issued
after a read or write if the row address changes on the next access. Note that the MPC8280 uses
the SDA10 pin to distinguish the PRECHARGE-ALL-BANKS command. The SDRAMs must be
compatible with this format.
Read
Latches the column address and transfers data from the selected sense amplifier to the output buffer
as determined by the column address. During each successive clock, additional data is output
without additional READ commands. The amount of data transferred is determined by the burst size.
At the end of the burst, the page remains open.
Refresh
Causes a row to be read in both memory banks (JEDEC SDRAM) as determined by the refresh row
address counter (similar to CBR). The refresh row address counter is internal to the SDRAM device.
After being read, a row is automatically rewritten into the memory array. Both banks must be in a
precharged state before executing REFRESH.
Write
Latches the column address and transfers data from the data signals to the selected sense amplifier
as determined by the column address. During each successive clock, additional data is transferred
to the sense amplifiers from the data signals without additional WRITE commands. The amount of
data transferred is determined by the burst size. At the end of the burst, the page remains open.
Table 11-19. SDRAM Interface Commands (continued)
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com