Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 458 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 458 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 454Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 455Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 456Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 457Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 459Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 460Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 461Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 462Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-38
Freescale Semiconductor
Table 11-21 shows SDRAM address multiplexing for A16–A31.
11.4.6
SDRAM Device-Specific Parameters
The software is responsible for setting correct values to some device-specific parameter that can be
extracted from the data sheet. The values are stored in the ORx and P/LSDMR registers. These parameters
include the following:
•
Precharge to activate interval (P/LSDMR[PRETOACT]). See Section 11.4.6.1,
“Precharge-to-Activate Interval.”
•
Activate to read/write interval (P/LSDMR[ACTTORW]). See Section 11.4.6.2, “Activate to
Read/Write Interval.”
•
CAS latency, column address to first data out (P/LSDMR[CL]). See Section 11.4.6.3, “Column
Address to First Data Out—CAS Latency.”
•
Last data out to precharge (P/LSDMR[LDOTOPRE]). Section 11.4.6.4, “Last Data Out to
Precharge.”
•
Write recovery, last data in to precharge (P/LSDMR[WRC]). See Section 11.4.6.5, “Last Data In
to Precharge—Write Recovery.”
Table 11-20. SDRAM Address Multiplexing (A0–A15)
SDAM
External Bus
Address
Pins
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15
000
Signal
driven on
external pins
when
address
multiplexing
is enabled
——
——
——
——
—
—
—
—
—
A5
A6
A7
001
—
——
——
——
———
——
——
A5
A6
010
—
——
——
——
———
——
——
—
A5
011
—
——
——
——
———
——
——
——
100
—
——
——
——
———
——
——
——
101
—
——
——
——
———
——
——
——
Table 11-21. SDRAM Address Multiplexing (A16–A31)
SDAM
External Bus
Address
Pins
A16 A17 A18 A19 A20 A21 A22 A23 A24 A25 A26 A27 A28 A29 A30 A31
000
Signal
driven on
external pins
when
address
multiplexing
is enabled
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 A22 A23
001
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 A22
010
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21
011
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20
100
A4
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19
101
—
—
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com