Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 462 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 462 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 458Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 459Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 460Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 461Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 462Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 463Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 466Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 462 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-42
Freescale Semiconductor
11.4.6.6
Refresh Recovery Interval (RFRC)
As represented in Figure 11-25, this parameter, controlled by P/LSDMR[RFRC], defines the earliest
timing for an ACTIVATE command after a REFRESH command.
Figure 11-25. RFRC = 4 (6 Clock Cycles)
11.4.6.7
External Address Multiplexing Signal
In 60x-compatible mode, external address multiplexing is placed on the address lines. If the additional
delay of multiplexing endangers the device setup time, P/LSDMR[EAMUX] should be set. Setting this bit
causes the memory controller to add another cycle for each address phase. Figure 11-26 demonstrates the
timing when EAMUX equals 1.
Note that EAMUX can also be set in any case of delays on the address lines, such as address buffers.
Figure 11-26. EAMUX = 1
11.4.6.8
External Address and Command Buffers (BUFCMD)
In 60x-compatible mode, external buffers may be placed on the command strobes, except CS, as well as
the address lines. If the additional delay of the buffers is endangering the device setup time,
CLK
ALE
CS
SDRAS
SDCAS
MA[0–11]
WE
DQM
A8 = 1
RFRC = 4 (6 clocks)
RAx
PRETOACT
= 3
Precharge
if needed
Auto refresh
Activate command
Bank A
CLK
SDAMUX
CMD
MA[0–11]
Row
Column
NOP
Act
Read
NOP
NOP
Address setup cycle
ALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com