Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 466 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 466 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 462Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 463Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 469Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 470Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 466 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-46
Freescale Semiconductor
Figure 11-35. SDRAM Write-after-Write Pipelined, Page Hit
Figure 11-36. SDRAM Read-after-Write Pipelined, Page Hit
11.4.8
SDRAM Read/Write Transactions
The SDRAM interface supports the following read/write transactions:
•
Single-beat reads/writes up to double word size
•
Bursts of two, three, or four double words
SDRAM devices perform bursts for each transaction, the burst length depends on the port size. For 64-bit
port size, it is a burst of 4. For 32-bit port size, it is a burst of 8. For reads that require less than the full
burst length, extraneous data in the burst is ignored. For writes that require less than the full burst length,
the MPC8280 protects non-targeted addresses by driving DQMn high on the irrelevant cycles of the burst.
However, system performance is not compromised since, if a new transaction is pending, the MPC8280
begins executing it immediately, effectively terminating the burst early.
CLK
ALE
CS
SDRAS
SDCAS
MA[0–11]
Column1
WE
DQM
Data
D0
D1
D2
D3
D1
D2
D3
D0
Column2
CLK
ALE
CS
SDRAS
SDCAS
MA[0–11]
Column1
WE
DQM
Data
D0
D1
D2
D3
D1
D2
D3
D0
Column2
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com