Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 468 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 468 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 469Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 470Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 471Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 472Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-48
Freescale Semiconductor
There are two levels of refresh request priority—low and high. The low priority request is generated as
soon as the refresh timer expires, this request is granted only if no other requests to the memory controller
are pending. If the request is not granted (memory controller is busy) and the refresh timer expires two
more times, the request becomes high priority and is served when the current memory controller operation
finishes.
NOTE
There are two SDRAM refresh timers, one for 60x SDRAM machines and
one for local bus SDRAM machines.
11.4.11 SDRAM Refresh Timing
The memory controller implements bank staggering for the auto refresh function. This reduces
instantaneous current consumption for memory refresh operations.
Once a refresh request is granted the memory controller begins issuing auto-refresh command to each
device associated with the refresh timer, in one clock intervals. After the last REFRESH command is issued,
the memory controller waits for the number of clocks written in the SDRAM machine’s mode register
(RFRC in P/LSDMR). The timing is shown in Figure 11-39.
Figure 11-39. SDRAM Bank-Staggered CBR Refresh Timing
11.4.12 SDRAM Configuration Examples
The following sections provide SDRAM configuration examples for page- and bank-based interleaving.
CLK
CS0
SDRAS
SDCAS
MA[0–11]
WE
DQM
Data
CS1
CS2
CS3
RFRC
CBR
CBR
CBR
CBR
Activate
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com