Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 467 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 467 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 463Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 464Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 465Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 466Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 467Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 468Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 469Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 470Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 471Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 467 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-47
11.4.9
SDRAM MODE-SET Command Timing
The MPC8280 transfers mode register data (CAS latency, burst length, burst type) stored in P/LSDMR to
the SDRAM array by issuing the MODE-SET command. Figure 11-37 shows timing for the MODE-SET
command.
Figure 11-37. SDRAM MODE-SET Command Timing
Figure 11-38 shows mode data bit settings.
Figure 11-38. Mode Data Bit Settings
11.4.10 SDRAM Refresh
The memory controller supplies auto (CBR) refreshes to SDRAM according to the interval specified in
PSRT or LSRT. This represents the time period required between refreshes. The value of P/LSRT depends
on the specific SDRAM devices used and the operating frequency of the MPC8280’s bus. This value
should allow for a potential collision between memory accesses and refresh cycles. The period of the
refresh interval must be greater than the access time to ensure that read and write operations complete
successfully.
CLK
ALE
CS
SDRAS
SDCAS
MA[0–11]
WE
DQM
Data
Z
Z
D0
D1
D2
D3
*Mode Data
Row
Column
*The mode data is the address value during a mode-set cycle. It is driven by the memory controller, in single
MPC8280 mode, according to P/LSDMR[CL] register. In 60x-compatible mode, software must drive the correct
value on the address lines. Figure 11-38. shows the actual value.
Mode Set
Page Activate
Write (Burst)
latency mode—can be 1(001), 2(010), or 3(011).
burst length:
4(010) for 16- and 64-bit port sizes
8(011) for 8- and 32-bit port sizes
Bit number
0
1
23
45
678
9
10
11
lsb
CL
0
BL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com