Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 412 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 412 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 416Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 1386 page
background image
Clocks and Power Control
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
10-2
Freescale Semiconductor
10.1.2
Core PLL
The core PLL has the same advantages as the main PLL; it performs frequency multiplication and skew
elimination for the core blocks. The core PLL input clock is synchronous with the 60x bus clock. Its
configuration word, CORE_PLL_CFG[0-4], is determined by the MPC8280 clock configuration mode
setting. According to the setting, the core PLL multiplies the internal bus clock and synchronously
provides the core clocks.
10.1.3
Skew Elimination
The PLL can tighten synchronous timings by eliminating skew between phases of the internal clock and
the external clock entering the chip (CLKIN). Skew elimination is always active when the PLL is enabled.
Disabling the PLL (PLL bypass) can greatly increase clock skew.
10.1.4
Dividers
The PLL output clock, MAIN_CLK, is twice the CPM clock. MAIN_CLK applies to general-purpose
dividers. Each MPC8280 internal clock is generated by a dedicated divisor which is a programmable
number between 1 and 16. Dividers are determined by the clock configuration modes that are selected by
seven bits during the power-up reset—three hardware configuration pins (MODCK[1–3]) and four bits
from hardware configuration word[28–31] (MODCK_H). For complete lists of these dividers, refer to the
MPC8280 PowerQUICC II Family Hardware Specifications (order number: MPC8280EC). Note that all
dividers’ output clocks have identical skew in relation to the input clock because the delay through the
dividers for all clocks is identical independent of how its dividers have been programmed.
10.1.5
Internal Clock Signals
The internal logic of the MPC8280 generates the next internal clock lines:
•
CPM general system clocks (CPM_CLK)
•
60x bus and local bus (BUS_CLK). Identical to CLKIN.
•
SCC clocks (SCC_CLK)
•
Baud-rate generator clock (BRG_CLK)
•
PCI clock (PCI_CLK)
•
DLL clocks
The PLL synchronizes these clock signals to each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com