Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 411 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 411 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 415Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
10-1
Chapter 10
Clocks and Power Control
The MPC8280’s clocking architecture includes two PLLs—the main PLL and the core PLL. The main
PLL, together with the dividers, provides the internal 60x bus clock and internal clocks for all blocks in
the chip except core blocks. The core PLL provides the internal core clocks.
The MPC8280’s clocking is a configurable system supporting three clock configuration modes. The clock
configuration mode is set during the power on reset.
CLKIN is the primary timing reference for the MPC8280. The frequency of CLKIN equals 60x and local
bus frequencies. The main PLL multiplies the frequency of the input clock to the final CPM frequency.
Refer to Section 10.6, “Clock Configuration Modes.”
10.1
MPC8280 Clock Block Diagram
The MPC8280 clocking system, shown in Figure 10-1, is designed around two PLLs—the main PLL and
the core PLL. The main PLL receives CLKIN as its input clock and multiplies it to provide MAIN_CLK,
which is twice the CPM clock, to the clock block dividers. The dividers shown in Figure 10-1 generate all
MPC8280 internal clocks by synchronously dividing MAIN_CLK. These clocks are then output from the
clock block to the entire MPC8280.
10.1.1
Main PLL
The main PLL performs frequency multiplication and skew elimination. It allows the CPM to operate at a
high internal clock frequency while using a low-frequency clock input. This has two immediate benefits:
•
A lower clock input frequency reduces overall electromagnetic interference generated by the
system
•
Oscillating at different frequencies eliminates the need for another oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com