Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 390 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 390 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 386Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 387Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 388Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 389Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 394Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-82
Freescale Semiconductor
9.12.3.4.5
Inbound Message Interrupt Status Register (IMISR)
This register contains the interrupt status of the I2O, door bell, and message register events. Writing a 1 to
the corresponding set bit will clear the bit. The events are generated by the PCI masters. IMISR should be
accessed only from the 60x bus and only in agent mode. Accesses while in host mode or from the PCI bus
have undefined results.
Figure 9-77. Inbound Message Interrupt Status Register (IMISR)
Table 9-62 describes IMISR fields.
1
OM1IM
RW
Outbound message 1 interrupt mask
0 Outbound message 1 interrupt is allowed.
1 Outbound message 1 interrupt is masked.
0
OM0IM
RW
Outbound message 0 interrupt mask
0 Outbound message 0 interrupt is allowed.
1 Outbound message 0 interrupt is masked.
31
16
Field
—
Reset
0000_0000_0000_0000
R/W
Refer to Table 9-62.
Addr
0x10482
15
98
76
54
32
10
Field
—
OFOI IPOI
—
IPQI
MCI
IDI
—
IM1I
IM0I
Reset
0000_0000_0000_0000
R/W
Refer to Table 9-62.
Addr
0x10480
Table 9-62. IMISR Field Descriptions
Bits
Name
Access
Description
31–9
—
R
Reserved, should be cleared.
8
OFOI
R/Write 1
to clear
Outbound Free Overflow Interrupt. When set indicates that the Outbound
Free_FIFO Head pointer is equal to the Outbound Free_FIFO Tail pointer and
the queue is full. A machine check interrupt is generated.
7
IPOI
R/Write 1
to clear
Inbound Post Overflow Interrupt. When set indicates that the Inbound
Post_FIFO Head pointer is equal to the Inbound Post_FIFO Tail pointer and the
queue is full. A machine check interrupt is generated.
6
—
R
Reserved, should be cleared.
5
IPQI
R/Write 1
to clear
Inbound Post Queue Interrupt. When set indicates that the PCI master has
posted an MFA to the Inbound Post queue.
Table 9-61. OMIMR Field Descriptions (continued)
Bits
Name
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com