Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 373 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 373 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 375Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 376Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 377Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-65
Table 9-45 describes the data structure fields.
Note that the data structure description assumes the following:
•
Addresses refer to 60x bus addresses.
•
Address and data byte ordering are big-endian.
•
Accesses to PCI configuration registers are indirect (through PCI CFG_ADDR and PCI
CFG_DATA).
A pointer located at address 0x4 of the EEPROM (right after the hard reset configuration word) defines
the beginning of the initialization table. The table should be placed beyond the reset configuration data to
avoid the EEPROM bytes dedicated to the eight possible hard reset configuration words (refer to
Section 5.4.1, “Hard Reset Configuration Word,” and Figure 9-59).
Table 9-45. Bit Settings for Register Initialization Data Structure
Offset
Bits
Name
Description
0x00
0–31
Address
Contains the absolute destination address to which the data is written.
0x04
0–28
—
Reserved, should be cleared.
29
Last
Indicates that this is the last initialization transaction to be performed.
0
Not last transaction
1
Last transaction
30–31
SIZE
Data size in bytes
00 4 bytes
01 1 byte
10 2 bytes
11 3 bytes
0x08
0–31
Data
Contains the data to be written to the specified address. Data bytes are
written according to the value specified in the SIZE field and according
to big-endian byte ordering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com