Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 371 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 371 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 375Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-63
Example: configuration sequence, 2-byte data write to register at address offset 0x1A for PCI bus.
Initial values:
r0 contains 0x1800_0080
r1 contains IMMR+0x10900
r2 contains IMMR+0x10904
r3 contains 0xDDCC_BBAA
Register at 0x18 contains 0xFFFF_FFFF (1B to 18)
Code sequence:
stw
r0,0(r1)
sth
r3,2(r2)
Results: Address IMMR+0x10900 contains 0x8000_0018 (MSB to LSB)
Address IMMR+0x10904 contains 0xXXXX_AABB (MSB to LSB) where ‘XXXX’ is
the old value and is not affected the sth.
Note: the address of PCI_CFG_DATA must match the offset address 0x1A.
Register at 0x18 contains 0xAABB_FFFF (1B to 18)
This example shows an address of IMMR+0x10906 used to access the PCI_CFG_DATA. This was done
in order to align the data with the address 0x1A. The address used to access PCI_CFG_DATA can have a
value of IMMR+0x10904, IMMR+0x10905, IMMR+0x10906, or IMMR+0x10907. The two least
significant bits of the address used to access PCI_CFG_DATA should match the byte-wise offset of the
register being accessed. For instance, if 0x0D is the offset of the register being accessed, then the address
used to access PCI_CFG_DATA must be IMMR+0x10905.
9.11.2.27.1
Additional Information on Endianess
The endianess of both the MPC8280's peripheral logic (GPCR[LE_MODE]—see the following section)
and the MPC8280's 603e CPU core (MSR[LE]) must be set to the same endianess configuration—that is
both must be set for little or big endian operation.
For applications where little endian (LE) devices, such as those commonly found on the PCI bus, share
memory with the MPC8280, it is recommended to leave the MPC8280's 603e core CPU and peripheral
logic in the big endian (BE) modes and then to use a region of the MPC8280 local memory for
LE-formatted data. When a little endian PCI device stores data to this memory region, the MPC8280
internal peripheral logic (in big endian mode) stores the data into memory in LE format. Likewise, when
a little-endian PCI device reads data from this memory region, the MPC8280 internal peripheral logic (in
BE mode) provides the data to the PCI device in LE format.
A little-endian PCI device can share this LE memory region with the MPC8280 local processor (603e core
CPU) running in big endian if, when the MPC8280 accesses that LE region, it uses the lwbrx and stwbrx
commands. The lwbrx command byte-swaps the LE data from that region so the 603e CPU sees the data
in BE format. Similarly, the stwbrx command byte-swaps the BE data from the 603e processor being
stored to that region of memory, so it is stored into the memory region in LE format.
For the MPC603e and the MPC8280 implementations, there is NO latency difference associated with
lwbrx and stwbrx commands compared to the other load and store commands.
9.11.2.27.2
Notes on GPCR[LE_MODE]
GPCR[LE_MODE] (refer to Section 9.11.1.7) determines the endianess of the PCI section of MPC8280.
The default value of GPCR[LE_MODE] (offset: 0x1087C) is 0. If LE_MODE is set while a program is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com