Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 368 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 368 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 372Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-60
Freescale Semiconductor
9.11.2.23 PCI Bus Arbiter Configuration Register
The PCI bus arbiter configuration register, shown in Figure 9-55, is used to determine the configuration of
the PCI bus arbiter. Only 1-byte or 2-byte accesses to address offset 0x46 are allowed.
Figure 9-55. PCI Bus Arbiter Configuration Register
Table 9-42 describes the PCI bus arbiter configuration register fields.
15
14
13
7
6
4
3
1
0
Field
PCI_
ARB_DIS
PM
—
PCI_BUSMP
—
PCI_
BRIDGE MP
Reset
01000_0000_0000_0000
1 Reset value determined by PIC_CFG[1] pin value after hard reset. Refer to Table 9-42.
R/W
R/W
Addr
0x46
Table 9-42. PCI Bus Arbiter Configuration Register Field Description
Bit
Name
Description
15
PCI_ARB_DIS
(PCI_CFG[1] pin value)
Determines if the PCI bridge is the PCI arbiter on the PCI bus. Set or cleared by
the PIC_CFG[1] pin value after hard reset.
0 PCI bridge is the PCI arbiter.
1 PCI bridge is not the PCI arbiter. The PCI bridge presents its request on REQ0
to the external arbiter and receives its grant on GNT0.
14
Parking Mode
Controls which device receives the bus grant when there are no outstanding bus
requests and the bus is idle.
0 The bus is parked with the last device to use the bus.
1 The bus is parked with the PCI bridge.
13–7
—
Reserved, should be cleared.
6-4
PCI Bus Master
Priorities
Determines the arbitration priority given to the different masters on the PCI bus.
Bit 6 corresponds to the priority of the master sourcing REQ0, bit 5 corresponds
to REQ1, and bit 4 corresponds to REQ2.
0
Master
n has a low priority.
1
Master
n has a high priority.
3–1
—
Reserved, should be cleared.
0
PCI Bridge Master
Priority
Determines the PCI bridge’s arbitration priority.
0 The PCI bridge has a low priority.
1 The PCI bridge has a high priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com