Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 372 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 372 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 375Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 376Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-64
Freescale Semiconductor
executing, care should be taken as to how subsequent accesses to the PCI memory-mapped registers are
made. Consider the following two examples (assume internal memory starts at 0x04700000):
Example 1— Accessing PCI memory-mapped registers before GPCR[LE_MODE] is set. Assume that
one wants to use CPU software to set CTM of PCI DMA0 mode register
(DMAMR0[CTM]) located at 0x04710500. The value constructed from the bit field
description of the DMAMR0 is 0x00000004. However, the value written to this register is
0x04000000—the byte-swapped version of 0x00000004.
Example 2— Accessing PCI memory-mapped registers after GPCR[LE_MODE] is set. Assume that,
after GPCR[LE_MODE] is set, one wants to use CPU software to set DMAMR0[CTM].
Because of address munging, this register is now located at 0x04710504. This new address
is derived from the following:
1.The register is located at 0x04710500.
2.For a 4-byte access, address munging dictates that the XOR value is 0b100 (refer to
Chapter 4 of the Programming Environments Manual for 32-Bit Implementations of
the PowerPC Architecture).
3.The last three bits of 0x04710500 is 0b000.
4.XOR 0b000 with 0b100 (0b000
⊕ 0b100 = 0b100).
5.Therefore, the munged address of this register would be 0x04710504.
Therefore, to set CTM in PCI DMA0 mode register, 0x00000004 is written to 0x04710504.
9.11.2.28 Initializing the PCI Configuration Registers
The configuration registers are initialized to the reset values shown in the register descriptions. However,
they can also be initialized to user-defined values loaded directly from the EEPROM used to configure the
MPC8280 by setting the ALD_EN (auto-load enable) bit in the hard reset configuration word; refer to
Section 5.4.1, “Hard Reset Configuration Word.”
To initialize configuration registers from an EEPROM, the user builds a contiguous table of register
initialization data structures in a user-defined space within the EEPROM. Each data structure, shown in
Figure 9-58, contains the address of a specific register and its initialization data, as well as some control
information. The last data structure entry in the table is marked by setting its ‘Last’ bit.
Figure 9-58. Data Structure for Register Initialization
Offset from the table
start address
0
28
29
30
31
0x00
Destination address
0x04
—
Last
Size[1:0]
0x08
Destination data
0x0C
•
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com