Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 360 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 360 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 364Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-52
Freescale Semiconductor
9.11.2.9
PCI Bus Cache Line Size Register
Figure 9-41 and Table 9-28 describe the PCI bus cache line size register.
Figure 9-41. PCI Bus Cache Line Size Register
9.11.2.10 PCI Bus Latency Timer Register
Figure 9-42 and Table 9-29 describe the PCI bus latency timer register.
Figure 9-42. PCI Bus Latency Timer Register
7
0
Field
CLS
Reset
0000_0000
R/W
R/W
Addr
0x0C
Table 9-28. PCI Bus Cache Line Size Register Description
Bits
Name
Description
7–0
Cache line size
Represents the cache line size of the system in terms of 32-bit words (eight 32-bit
words = 32 bytes). This register is read-write; however, an attempt to program this
register to any value other than 8 results in it being cleared.
73
2
0
Field
LT
LT
Reset
0000_0000
R/W
R/W
R
Addr
0x0D
Table 9-29. PCI Bus Latency Timer Register Description
Bits
Name
Description
7–3
Latency timer
Represents the maximum number of PCI clocks that the device, when mastering
a transaction, holds the bus after PCI bus grant has been negated. The value is
in PCI clocks. Refer to the PCI 2.2 specification for the rules by which the PCI bus
interface unit completes transactions when the timer has expired.
2–0
Read-only least-significant bits of the latency timer. (The latency timer value is
programmed in multiples of eight.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com