Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 362 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 362 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 366Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-54
Freescale Semiconductor
Figure 9-45. PCI Bus Internal Memory-Mapped Registers Base Address Register
(PIMMRBAR)
Table 9-32 describes PIMMRBAR fields.
9.11.2.14 General Purpose Local Access Base Address Registers (GPLABAR
x)
Two general purpose local access base address registers (GPLABARx) are provided to allow access to
local memory space. These registers are closely tied to PIBARx and PICMRx (see Section 9.11.1.16, “PCI
Inbound Base Address Registers (PIBARx),” and Section 9.11.1.17, “PCI Inbound Comparison Mask
Registers (PICMRx)”). A write to GPLABARx causes a write to PIBARx but only to the bits allowed by
the PICMRx mask. Similarly, a write to PIBARx causes a write to GPLABARx of the non-masked bits of
the base address. GPLABARx is shown in Figure 9-46.
31
17
16
Field
BA
BA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x12
15
43
21
0
Field
BA
PRE
T
MSI
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10
Table 9-32. PIMMRBAR Field Descriptions
Bits
Name
Description
31–17
Base address
Indicates the base address for the inbound configuration window.
16–4
Base address
Hardwired to zeros, indicating that the PCI bridge requires a 128-KByte space for
the configuration registers.
3
Prefetchable
Hardwired to 0 to indicate that this address region is not prefetchable.
2–1
Type
Hardwired to 00 to indicate that the address can be located anywhere in 32-bit
address space.
0
Memory space indicator Address is mapped to memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com