Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 359 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 359 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 363Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-51
9.11.2.7
Subclass Code Register
Figure 9-39 and Table 9-26 describe the subclass code register.
Figure 9-39. Subclass Code Register
9.11.2.8
PCI Bus Base Class Code Register
Figure 9-40 and Table 9-27 describe the PCI bus class code register.
Figure 9-40. PCI Bus Base Class Code Register
NOTE: I2O Compliancy
When configured as a PCI agent device, the value of the Interface, Subclass
Code, and Base Class Code Registers are 0x01, 0x00, and 0x0E
respectively, indicating that the MPC8280 supports the I2O protocol. The
user should note that the I2O support is not fully standard compliant.
7
0
Field
SC
Reset
0000_0000
R/W
R
Addr
0x0A
Table 9-26. Subclass Code Register Description
Bits
Name
Description
7–0
Subclass code
Identifies more specifically the function of the PCI bridge (0x00 = host bridge and
0x80 = agent mode)
7
0
Field
BCC
Reset
Refer to Table 9-27.
R/W
R
Addr
0x0B
Table 9-27. PCI Bus Base Class Code Register Description
Bits
Name
Description
7–0
Base class code
0x06 When the PCI bridge is configured as a host bridge to indicate “Host Bridge”.
0x0E When the PCI bridge is configured as a target device to indicate the device
is an agent and is I2O capable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com