Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 351 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 351 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 355Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 351 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-43
in a PIBARx register causes a change in the GPLABARx in the base address bits that are non-masked by
PICMRx, and vice versa.
The system host is responsible for the configuration of the base address by writing to GPLABARx;
therefore, in PCI agent mode, the PIBARx registers should be read-only. However, if the PCI bridge is
defined as the PCI host, it may be easier to configure its own inbound base address by writing directly to
the PIBARx registers.
Figure 9-30. PCI Inbound Base Address Registers (PIBAR
x)
Table 9-17 describes PIBARx.
9.11.1.17 PCI Inbound Comparison Mask Registers (PICMR
x)
The PCI inbound comparison mask registers (PICMRx), shown in Figure 9-31, defines the inbound
window’s size. In PCI agent mode, this register should be initialized (either by the core or by the CP’s
automatic EPROM load) before the AGENT_CFG_LOCK bit (see Section 9.11.2.22, “PCI Bus Function
Register”) can be cleared to enable the host to configure the device. Some of the fields of this registers are
tied to the GPLABARx registers; see Section 9.11.2.14, “General Purpose Local Access Base Address
Registers (GPLABARx).”
31
20
19
16
Field
—
BA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x108F2 (PITAR0); 0x108DA (PITAR0)
15
0
Field
BA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x108F0 (PITAR0); 0x108D8 (PITAR0)
Table 9-17. PIBAR
x Field Descriptions
Bits
Name
Description
31–20
—
Reserved, should be cleared.
19–0
BA
Base address. PCI address which is the starting point for the inbound translation
window.This corresponds to bits 31–12 of a 32-bit address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com