Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 349 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 349 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 353Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-41
Figure 9-28. PCI Error Control Capture Register (PCI_ECCR)
Table 9-15 describes PCI_ECCR fields.
31
30
28
27
24
23
22
21
20
19
16
Field
—
FET
BN
—
TS
ES
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x108A2
15
12
11
8
7
4
3
2
1
0
Field
CMD
—
BE
—
PB
VI
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x108A0
Table 9-15. PCI_ECCR Field Descriptions
Bits
Name
Description
31
—
Reserved, should be cleared.
30–28
First error type
Type of first PCI error captured. This field is the bit index of the error type in
Table 9-10. For example, a value of 0b101 indicates a PCI SERR received
condition while a value of 0b010 indicates a PCI read data parity error.
27–24
Beat number
32-bit data beat number for data parity error (data parity error only)
0000 1
0001 2
…
0111 8
1000 overflow (transaction larger than one cache line)
23–22
—
Reserved, should be cleared.
21–20
Transaction size
This is the size of the transaction in doublewords (4 bytes) (the PCI bridge as
master only)
00 4 double words
01 1 double word
10 2 double words
11 3 double words
19–16
Error source
The source of the PCI transaction
0000 External master
0001 60x master
0101 DMA
All others are reserved.
15–12
Command
PCI command
11–8
—
Reserved, should be cleared.
7–4
Byte enables
PCI byte enables.
3–2
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com