Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 347 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 347 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 343Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 344Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 351Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-39
Table 9-12 describes ECR fields.
9.11.1.12 PCI Error Address Capture Register (PCI_EACR)
The PCI error address capture register (PCI_EACR), shown in Figure 9-26, stores the address associated
with the first PCI error captured.
Figure 9-26. PCI Error Address Capture Register (PCI_EACR)
Table 9-12. ECR Field Descriptions
Bits
Name
Description
31–13
—
Reserved, should be cleared
12
I2O_DBMC
I2O doorbell machine check
0
ESR[I2O_DBMC] causes an interrupt.
1 ESR[I2O_DBMC] (if enabled) causes a machine check.
11
NMI
General error/interrupt indication
10
IRA
Illegal register access with incorrect size
9
I2O_IPQO
I2O inbound post queue overflow
8
I2O_OFQO
I2O outbound free queue overflow
7
PCI_PERR_WR
PCI parity error received on a write
6
PCI_PERR_RD
PCI parity error received on a read
5
PCI_SERR
PCI SERR received
4
PCI_TAR_ABT
PCI target abort
3
PCI_NO_RSP
PCI no response (no DEVSEL; master abort)
2
PCI_DATA_PAR_RD
PCI read data parity error
1
PCI_DATA_PAR_WR
PCI write data parity error
0
PCI_ADDR_PAR
PCI address parity error (read or write)
31
16
Field
PCI_EAR
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10892
15
0
Field
PCI_EAR
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com