Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 335 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 335 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 331Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 332Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 333Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 334Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 335Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 336Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 337Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 338Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 339Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-27
9.11
Configuration Registers
There are two types of configuration registers in the PCI bridge: PCI-specified and memory-mapped. The
PCI-specified type, referred to as PCI configuration registers, are accessed through PCI configuration
cycles (refer to Section 9.11.2, “PCI Bridge Configuration Registers”). The memory-mapped
configuration registers are placed in the internal memory map of the MPC8280 and are accessed like other
internal registers (refer to Section 9.11.1, “Memory-Mapped Configuration Registers”).
Both the PCI configuration and memory-mapped internal registers of the PCI bridge are intrinsically
little-endian and are described using classic bit-numbering; that is, the lowest memory address contains
the least significant byte of the register and bit 0 is the least-significant bit of the register.
NOTE: Accessing Configuration Registers
For a PCI device to share little-endian (LE) data with the 603e core CPU,
software must byte-swap the data of the configuration register. Refer to
Section 9.11.2.27, “PCI Configuration Register Access in Big-Endian
Mode,” and Section 9.11.2.27.1, “Additional Information on Endianess.”
Also note that reserved bits in the configuration registers are not guaranteed to have predictable values.
Software must preserve the values of reserved bits when writing to a configuration register. Also, when
reading from a configuration register, software should not rely on the value of reserved bits remaining
constant.
NOTE: Accessing PCI Registers in Non-PCI Mode
In non-PCI mode, a 60x bus master should not attempt to access the PCI
memory mapped configuration registers. Doing so will cause the internal
memory space of the MPC8280 to be inaccessible. Any following access to
the internal memory space will not be terminated normally, and can only be
terminated by TEA if the 60x bus monitor is activated. The system can
recover only after a soft reset.
9.11.1
Memory-Mapped Configuration Registers
Table 9-3 describes the memory-mapped configuration registers provided by the PCI bridge. Note that
memory gaps not defined are reserved and should not be accessed.
Table 9-3. Internal Memory Map
Address
(offset)
Register
Access
Reset
Section/Page
0x10430
Outbound interrupt status register (OMISR)
special 0x0000_0000
9.12.3.4.3/9-80
0x10434
Outbound interrupt mask register (OMIMR)
R/W
0x0000_0000
9.12.3.4.4/9-81
0x10440
Inbound FIFO queue port register (IFQPR)
R/W
0x0000_0000 9.12.3.4.1/9-78
0x10444
Outbound FIFO queue port register (OFQPR)
R/W
0x0000_0000
9.12.3.4.2/9-79
0x10450
Inbound message register 0 (IMR0)
R/W
undefined
9.12.1.1/9-67
0x10454
Inbound message register 1 (IMR1)
R/W
undefined
9.12.1.1/9-67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com