Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 322 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 322 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 323Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 324Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 325Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 326Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-14
Freescale Semiconductor
target qualifies the address/data lines with FRAME before asserting DEVSEL. DEVSEL is asserted at or
before the clock edge at which the PCI bridge enables its TRDY, STOP, or data (for a read). DEVSEL is
not negated until FRAME is negated, with IRDY asserted and either STOP or TRDY asserted. The
exception to this is a target-abort; see Section 9.9.1.3.2, “Transaction Termination.”
As an initiator, if the PCI bridge does not see the assertion of DEVSEL within 4 clocks of FRAME, it
terminates the transaction with a master-abort as described in Section 9.9.1.3.2, “Transaction
Termination.”
9.9.1.4.2
Fast Back-to-Back Transactions
In the two types of fast back-to-back transactions, the first type places the burden of avoiding contention
on the initiator while the second places the burden on all potential targets. The PCI bridge as a target
supports both types of fast back-to-back transactions but does not support them as an initiator. The PCI
bridge as a target has the fast back-to-back enable bit hardwired to one, or enabled; see Table 9-18.
For the first type (governed by the initiator), the initiator may only run a fast back-to-back transaction to
the same target. For the second type, when the PCI bridge detects a fast-back-to-back operation and did
not drive DEVSEL in the previous cycle, it delays the assertion of DEVSEL and TRDY for one cycle to
allow the other target to get off the bus.
9.9.1.4.3
Data Streaming
The PCI bridge provides data streaming for PCI transactions to and from prefetchable memory. In other
words, when the PCI bridge is a target for a PCI initiated transaction, it supplies or accepts multiple cache
lines of data without disconnecting. For PCI transactions to non-prefetchable space, the PCI bridge
disconnects after the first data phase so that no streaming can occur.
For PCI memory reads, streaming is achieved by performing speculative reads from memory in
prefetchable space. A block of memory can be marked as prefetchable by setting the prefetch bit in the
corresponding inbound ATU (see Table 9-18) in the following cases:
•
When reads do not alter the contents of memory (reads have no side effects)
•
When reads return all bytes regardless of the byte enable signals
•
When writes can be merged without causing errors
For a memory read command or a memory read line command, the PCI bridge reads one cache line from
memory. If the PCI read or read line transaction crosses a cache line boundary, the PCI bridge starts the
read of a new cache line. For a memory read multiple command, the PCI bridge reads two cache lines from
memory. When the PCI transaction finishes the read for the first cache line, the PCI bridge performs a
speculative read of a third cache line. The PCI bridge continues this prefetching until the end of the
transaction.
For PCI writes to memory, streaming is achieved by buffering the transaction in the space available within
the I/O sequencer. This allows PCI memory writes to execute with no wait states.
A disconnect occurs if the PCI bridge runs out of buffer space on writes, or the PCI bridge cannot supply
consecutive data beats for reads within eight PCI bus clocks of each other. A disconnect also occurs if the
transaction crosses a 4K page boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com