Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 595 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 595 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 591Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 592Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 593Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 594Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 595Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 596Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 597Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 599Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 595 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
15-17
15.5
Serial Interface Registers
The serial interface registers are described in the following sections. The MCC configuration registers,
which define the TDM mapping of the MCC channels, are described in Section 29.6, “MCC Configuration
Registers (MCCFx).”
NOTE
The programming of SI registers and SIx RAM must be coherent with the
MCCF programming.
15.5.1
SI Global Mode Registers (SI
xGMR)
The SI global mode registers (SIxGMR), shown in Figure 15-10, defines the activation state of the TDM
channels for each SI.
Figure 15-4 describes SIxGMR.
15.5.2
SI Mode Registers (SI
xMR)
There are eight SI mode registers (SIxMR), shown in Figure 15-11, one for each TDM channel (SIxAMR,
SIxBMR, SIxCMR, and SIxDMR). They are used to define SI operation modes and allow the user (with
SIx RAM) to support any or all of the ISDN channels independently when in IDL or GCI mode. Any extra
serial channel can then be used for other purposes.
01234567
Field
STZD
STZC
STZB
STZA
END
ENC
ENB
ENA
Reset
0000_0000
R/W
R/W
Addr
11B28 (SI1GMR), 11B48 (SI2GMR)
Figure 15-10. SI Global Mode Registers (SI
xGMR)
Table 15-4. SI
xGMR Field Descriptions
Bit
Name
Description
0–3
STZx
Program L1TXDx to zero for TDM a, b, c or d
0 Normal operation
1 L1TXDx = 0 until serial clocks are available, which is useful for GCI activation. See
Section 15.7.1, “SI GCI Activation/Deactivation Procedure.”
4–7
ENx
Enable TDMx. Note that enabling a TDM is the last step in initialization.
0 TDM channel x is disabled. The SI
x RAMs and routing for TDMx are in a state of reset, but all
other SI functions still operate.
1 All TDMx functions are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com