Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 597 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 597 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 593Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 594Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 595Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 596Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 597Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 601Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 597 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
15-19
6–7
RFSDx Receive frame sync delay for TDM a, b, c, or d. Determines the number of clock delays between the
receive sync and the first bit of the receive frame. Even if CRTx is set, these bits do not control the
delay for the transmit frame.
Note: When using bit delay of 0, ensure that during the last phase (negative edge) of the last serial
clock of the last SIRAM entry, the sync signal is deasserted. No sync signal should be asserted
early, for example, during the last clock of the frame.
00 No bit delay. The first bit of the frame is transmitted/received on the same clock as the sync; use
for GCI. If frame sync delay is not used and if a frame sync is issued early during the last bit of
the previous frame, data corruption could occur on all subsequent frames. To avoid this problem,
program a 1, 2, or 3-bit sync delay.
01 1-bit delay. Use for IDL
10 2-bit delay
11 3-bit delay
Figure 15-12 and Figure 15-13 show how these bits are used.
8
DSCx
Double speed clock for TDM a, b, c or d. Some TDMs, such as GCI, define the input clock to be twice
as fast as the data rate and this bit controls this option.
0 The channel clock (L1RCLKx and/or L1TCLKx) is equal to the data clock. Use for IDL and most
TDM formats.
1 The channel clock rate is twice the data rate. Use for GCI.
Note: When an SI is in 2X mode (DSC=1), the SI does not ignore sync signals asserted in the last
phase of the last clock cycle of the frame.
9
CRTx
Common receive and transmit pins for TDM a, b, c or d. Useful when the transmit and receive
sections of a given TDM use the same clock and sync signals. In this mode, L1TCLKx and
L1TSYNCx can be used for their alternate functions.
0 Separate pins. The receive section of this TDM uses L1RCLKx and L1RSYNCx pins for framing
and the transmit section uses L1TCLKx and L1TSYNCx for framing.
1 Common pins. The receive and transmit sections of this TDM use L1RCLKx as clock pin of
channel x and L1RSYNCx as the receive and transmit sync pin. Use for IDL and GCI. RFSD and
TFSD are independent of one another in this mode.
10
SLx
Sync level for TDM a, b, c, or d.
0 The L1RSYNCx and L1TSYNCx signals are active on logic “1”.
1 The L1RSYNCx and L1TSYNCx signals are active on logic “0”.
11
CEx
Clock edge for TDM a, b, c or d. The function depends on DSCx.
When DSCx = 0:
0 The data is sent on the rising edge of the clock and received on the falling edge (use for IDL).
1 The data is sent on the falling edge of the clock and received on the rising edge.
When DSCx = 1:
0 The data is sent on the rising edge of the clock and received on the rising edge.
1 The data is sent on the falling edge of the clock and received on the falling edge (use for GCI).
See Figure 15-14 and Figure 15-15.
12
FEx
Frame sync edge for TDM a, b, c or d. Determines whether L1RSYNCx and L1TSYNCx pulses are
sampled with the falling/rising edge of the channel clock. See Figure 15-13, Figure 15-14,
Figure 15-15, and Figure 15-16.
0 Falling edge. Use for IDL and GCI.
1 Rising edge.
Table 15-5. SI
xMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com