Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 599 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 599 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 595Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 596Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 597Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 603Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 599 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
15-21
Figure 15-14 shows the effects of changing FE when CE = 1 with a 1-bit frame sync delay.
Figure 15-14. Falling Edge (FE) Effect When CE = 1 and
xFSD = 01
Figure 15-15 shows the effects of changing FE when CE = 0 with a 1-bit frame sync delay.
Figure 15-15. Falling Edge (FE) Effect When CE = 0 and
xFSD = 01
L1TxD
Rx Sampled Here
L1ST
L1SYNC
L1SYNC
L1CLK
(Bit-0)
(On Bit-0)
L1ST Driven from Clock High for Both FE Settings
xFSD=01
(FE=0)
(FE=1)
CE=1
L1TXD
Rx Sampled Here
L1ST
L1SYNC
L1SYNC
L1CLK
(Bit-0)
(On Bit-0)
L1ST is Driven from Clock Low
(FE=0)
(FE=1)
CE=0
in Both the FE Settings
xFSD=01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com