Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 602 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 602 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 598Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 606Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 602 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-24
Freescale Semiconductor
15.5.3
SI
x RAM Shadow Address Registers (SIxRSR)
The SIx RAM shadow address registers (SIxRSR), shown in Figure 15-18, define the starting addresses of
the shadow section in the SIx RAM for each of the TDM channels.
Figure 15-6 describes SIxRSR fields.
15.5.4
SI Command Register (SI
xCMDR)
The SI command registers (SIxCMDR), shown in Figure 15-19, allow the user to dynamically program the
SIx RAM. When the user sets bits in the SIxCMDR, the SIx switches to the shadow SIx RAM at the end
of the current-route RAM programming frame. For more information about dynamic programming, see
Section 15.4.5, “Static and Dynamic Routing.”
0
1
3
4
5
7
8
9
11
12
13
15
Field
—
SSADA
—
SSADB
—
SSADC
—
SSADD
Reset
0000_0000_0000_0000
R/W
R/W
Addr
11B2E (SI1RSR), 11B4E (SI2RSR)
Figure 15-18. SI
x RAM Shadow Address Registers (SIxRSR)
Table 15-6. SI
xRSR Field Descriptions
Bits
Name
Description
0, 4, 8, 12
—
Reserved. Should be cleared.
1–3, 5–7,
9–11,
13–15
SSAD
x Starting bank address for the shadow RAM of TDM a, b, c, or d. Defines the starting bank address
of the shadow SI
x RAM section that belongs to the corresponding TDM channel.
Note: As noted before, the SI
x RAM contain four banks of 64 entries for receive and four banks of
64 entries for transmit.
In spite of the above, the starting bank address of each TDM can be programmed by the user in a
granularity of 32 entries, but the user cannot put two different TDMs on the same bank.
The user can put the shadow RAM section of the same TDM on the same bank.
The last entry of a certain TDM frame is determined by the LST bit in the SI
x RAM entry. The user
must set this bit within the entries of SI
x RAM shadow blocks for every TDM used. That means
before the starting address of the next TDM.
01234567
Field
CSRRA
CSRTA
CSRRB
CSRTB
CSRRC
CSRTC
CSRRD
CSRTD
Reset
0000_0000
R/W
R/W
Addr
11B2A (SI1CMDR), 11B4A (SI2CMDR)
Figure 15-19. SI Command Register (SI
xCMDR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com