Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 605 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 605 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 609Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 605 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
15-27
Figure 15-22. IDL Terminal Adaptor
The MPC8280 can identify and support each IDL channel or can output strobe lines for interfacing devices
that do not support the IDL bus. The IDL signals for each transmit and receive channel are described in
Table 15-9.
Table 15-9. IDL Signal Descriptions
Signal
Description
L1RCLK
x
IDL clock; input to the MPC8280.
L1RSYNC
x IDL sync signal; input to the MPC8280. This signal indicates that the clock periods following the
pulse designate the IDL frame.
L1RXD
x
IDL receive data; input to the MPC8280. Valid only for the bits supported by the IDL; ignored for any
other signals present.
L1TXD
x
IDL transmit data; output from the MPC8280. Valid only for the bits that are supported by the IDL;
otherwise, three-stated.
L1RQ
x
IDL request permission to transmit on the D channel; output from the MPC8280 on the L1RQx pin.
L1GR
x
IDL grant permission to transmit on the D Channel; input to the MPC8280 on the L1TSYNCx pin.
Note:
x = a, b, c, and d for TDMa, TDMb, TDMc, and TDMd (for SI1 and SI2).
TSA
SCC1
Ethernet
Ethernet
PHY
LAN
ASYNC
PCM
CODEC/Filter
Monocircuit
S/T
Transceiver
SPI
ICL
(Control)
B1+B2+D
IDL
(Data)
B2+D
B1
MPC8280
System Bus (ROM and RAM)
SMC1
POTS
4 wire
SCC2
SMC2
SCC3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com