Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 608 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 608 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 612Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-30
Freescale Semiconductor
2. CMXSI1CR = 0x00. TDMA receive clock is CLK1.
3. CMXSMR = 0x80. SMC1 is connected to the TSA.
4. CMXSCR = 0xC040_0000. SCC1 and SCC2 are connected to the TSA. SCC1 supports the grant
mechanism because it handles the D channel.
5. SI1AMR = 0x0145. TDMA grant mode is used with 1-bit frame sync delay in Tx and Rx and
common receive-transmit mode.
6. Set PPARA[6–9]. Configures L1TXDa[0], L1RXDa[0], L1TSYNCa, and L1RSYNCa.
7. Set PSORA[6–9]. Configures L1TXDa[0], L1RXDa[0], L1TSYNCa, and L1RSYNCa.
8. Set PDIRA[9]. Configures L1TXDa[0].
9. Set PODRA[9]. Configures L1TXDa[0] to an open-drain output.
10. Set PPARC[30,31]. Configures L1TCLKa and L1RCLKa.
11. Clear PDIRC[30,31] Configures L1TCLKa and L1RCLKa.
12. Clear PSORC[30,31]. Configures L1TCLKa and L1RCLKa.
13. Set PPARB[17]. Configures L1RQa.
14. Clear PSORB[17]. Configures L1RQa.
15. Set PDIRB[17]. Configures L1RQa.
16. Set PPARD[13]. Configures L1ST1.
17. Clear PSORD[13]. Configures L1ST1.
18. Set PDIRD[13]. Configures L1ST1.
19. SI1CMDR is not used.
20. SI1STR does not need to be read.
21. Configure the SCC1 for HDLC operation (to handle the LAPD protocol of the D channel), and
configure SCC2 and SMC1 as preferred.
22. SI1GMR = 0x01. Enable TDM A (one static TDM).
23. Enable SCC1, SCC2 and SMC1.
15.7
Serial Interface GCI Support
The MPC8280 fully supports the normal mode of the GCI, also known as the ISDN-oriented modular
revision 2.2 (IOM-2), and the SCIT. The MPC8280 also supports the D-channel access control in S/T
interface terminals using the command/indication (C/I) channel
4
0
0
0000
0101
011
0
0
4-bit SMC1
5
0
0
1000
0001
000
0
1
1-bit SCC1
strobe1
Table 15-10. SI
x RAM Entries for an IDL Interface (continued)
Entry
Number
SI
x RAM Entry
MCC
SWTR
SSEL
CSEL
CNT
BYT
LST
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com