Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 610 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 610 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 614Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-32
Freescale Semiconductor
•
D is a 16-Kbps signaling channel
•
C/I is a 48-Kbps C/I channel (includes A and E bits)
The M channel is used to transfer data between layer 1 devices and the control unit (the CPU); the C/I
channel is used to control activation/deactivation procedures or to switch test loops by the control unit. The
M and C/I channels of the GCI bus should be routed to SMC1 or SMC2, which have modes to support the
channel protocols. The MPC8280 can support any channel of the GCI bus in the primary rate by modifying
SIx RAM programming.
The GCI supports the CCITT I.460 recommendation as a method for data rate adaptation since it can
access each bit of the GCI separately. The current-route RAM specifies which bits are supported by the
interface and which serial controller support them. The receiver only receives the bits that are enabled by
the SIx RAM and the transmitter only transmits the bits that are enabled by the SIx RAM and does not
drive L1TXDx. Otherwise, L1TXDx is an open-drain output and should be pulled high externally.
The MPC8280 supports contention detection on the D channel of the SCIT bus. When the MPC8280 has
data to transmit on the D channel, it checks a SCIT bus bit that is marked with a special route code (usually,
bit 4 of C/I channel 2). The physical layer device monitors the physical layer bus for activity on the D
channel and indicates on this bit that the channel is free. If a collision is detected on the D channel, the
physical layer device sets bit 4 of C/I channel 2 to logic high. The MPC8280 then aborts its transmission
and retransmits the frame when this bit is set again. This procedure is automatically handled for the first
two buffers of a frame.
15.7.1
SI GCI Activation/Deactivation Procedure
In the deactivated state, the clock pulse is disabled and the data line is at a logic one. The layer 1 device
activates the MPC8280 by enabling the clock pulses and by an indication in the channel 0 C/I channel. The
MPC8280 reports to the core (via a maskable interrupt) that a valid indication is in the SMC RxBD.
When the core activates the line, the data output of L1TXDn is programmed to zero by setting
SIxGMR[STZx]. Code 0 (command timing TIM) is transmitted on channel 0 C/I channel to the layer 1
device until STZx is reset. The physical layer device resumes the clock pulses and gives an indication in
the channel 0 C/I channel. The core should reset STZx to enable data output.
15.7.2
Serial Interface GCI Programming
The following sections describe serial interface GCI programming.
15.7.2.1
Normal Mode GCI Programming
The user can program and configure the channels used for the GCI bus interface. First, the SIxMR register
to the GCI/SCIT mode for that channel must be programmed, using the DSCx, FEx, CEx, and RFSDx bits.
This mode defines the sync pulse to GCI sync for framing and data clock as one-half the input clock rate.
The user can program more than one channel to interface to the GCI bus. Also, if the receive and transmit
section are used for interfacing the same GCI bus, the user internally connects the receive clock and sync
signals to the SIx RAM transmit section, using the CRTx bits. The user should then define the GCI frame
routing and strobe select using the SIx RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com