Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 607 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 607 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 611Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 607 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
15-29
MPC8280 then stops sending and retransmits the frame when L1GRx is reasserted. This procedure is
handled automatically for the first two buffers of a frame.
For the primary rate IDL, the MPC8280 supports up to four 8-bit channels in the frame, determined by the
SIx RAM programming. To support more channels, the user can route more than one channel to each SCC
and the SCC treats it as one high-speed stream and store it in the same data buffers (appropriate only for
transparent data). Additionally, the MPC8280 can be used to assert strobes for support of additional
external IDL channels.
The IDL interface supports the CCITT I.460 recommendation for data-rate adaptation since it separately
accesses each bit of the IDL bus. The current-route RAM specifies which bits are supported by the IDL
interface and by which serial controller. The receiver only receives bits that are enabled by the receiver
route RAM. Otherwise, the transmitter sends only bits that are enabled by the transmitter route RAM and
three-states L1TXDx.
15.6.2
IDL Interface Programming
To program an IDL interface, first program SIxMR[GMx] to the IDL grant mode for that channel. If the
receive and transmit sections interface to the same IDL bus, set SIxMR[CRTx] to internally connect the
Rx clock and sync signals to the transmit section. Then, program the SIx RAM used for the IDL channels
to the preferred routing. See Section 15.4.4, “SIx RAM Programming Example.”
Define the IDL frame structure by programming SIxMR[xFSDx] to have a 1-bit delay from frame sync to
data, SIxMR[FEx] to sample on the falling edge, and SIxMR[CEx] to transmit on the rising edge of the
clock. Program the parallel I/O open-drain register so that L1TXDx is three-stated when inactive; see
Section 41.2.1, “Port Open-Drain Registers (PODRA–PODRD).” To support the D channel, program the
appropriate CMXSCR[GRx] bit, as described in Section 16.4.5, “CMX SCC Clock Route Register
(CMXSCR),” and program the SIx RAM entry to route data to the chosen serial controller. The two
definitions of IDL, 8 or 10 bits, are implemented by simply modifying the SIx RAM programming. In both
cases, L1GRx is sampled while L1TSYNCx is asserted and transferred to the D-channel SCC as a grant
indication.
For example, based on the same 10-bit format as in Section 15.4.4, “SIx RAM Programming Example,”
implement an IDL bus using SCC1, SCC2, and SMC1 connected to TDMa1 as follows:
1. Program both the Tx and Rx sections of the SIx RAM as in Table 15-10.
Table 15-10. SI
x RAM Entries for an IDL Interface
Entry
Number
SI
x RAM Entry
MCC
SWTR
SSEL
CSEL
CNT
BYT
LST
Description
0
0
0
0000
0010
000
1
0
8-bit SCC2
1
0
0
0000
0001
000
0
0
1-bit SCC1
2
0
0
0000
0000
000
0
0
1-bit no
support
3
0
0
0000
0101
011
0
0
4-bit SMC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com