Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 606 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 606 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 610Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 606 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-28
Freescale Semiconductor
The basic rate IDL bus has the three following channels:
•
B1 is a 64-Kbps bearer channel
•
B2 is a 64-Kbps bearer channel
•
D is a 16-Kbps signaling channel
There are two definitions of the IDL bus frame structure—8 and 10 bits. The only difference between them
is the channel order within the frame. See Figure 15-23.
Figure 15-23. IDL Bus Signals
NOTE
Previous versions of Freescale IDL-defined bit functions called auxiliary
(A) and maintenance (M) were removed from the IDL definition when it
was concluded that the IDL control channel would be out-of-band. These
functions were defined as a subset of the Freescale SPI format called serial
control port (SCP). To implement the A and M bits as originally defined,
program the TSA to access these bits and route them transparently to an
SCC or SMC. Use the SPI to perform out-of-band signaling.
The MPC8280 supports all channels of the IDL bus in the basic rate. Each bit in the IDL frame can be
routed to any SCC and SMC or can assert a strobe output for supporting an external device. The MPC8280
supports the request-grant method for contention detection on the D channel of the IDL basic rate and
when the MPC8280 has data to transmit on the D channel, it asserts L1RQx. The physical layer device
monitors the physical layer bus for activity on the D channel and indicates that the channel is free by
asserting L1GRx. The MPC8280 samples the L1GRx signal when the IDL sync signal (L1RSYNCx) is
asserted. If L1GRx is asserted, the MPC8280 sends the first zero of the opening flag in the first bit of the
D channel. If a collision is detected on the D channel, the physical layer device negates L1GRx. The
L1CLK
L1SYNC
L1RXD
L1TXD
B1
D1
10-Bit IDL
D2
B1
D1
B2
D2
L1RXD
L1TXD
B1
D1
8-Bit IDL
D2
B1
B2
D2
B2
D1
B2
Notes:
1. Clocks are not to scale.
2. L1RQ
x and L1GRx are not shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com