Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 604 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 604 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 608Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-26
Freescale Semiconductor
Kbps. The MPC8280 is an IDL slave device that is clocked by the IDL bus master (physical layer device)
and has separate receive and transmit sections. Although the MPC8280 has eight TDMs, it can support
only four independent IDL buses (limited by the number of serials that support IDL) using separate clocks
and sync pulses. Figure 15-21 shows an application with two IDL buses.
Figure 15-21. Dual IDL Bus Application Example
15.6.1
IDL Interface Example
An example of the IDL application is the ISDN terminal adaptor shown in Figure 15-22.. In such an
application, the IDL interface is used to connect the 2B+D channels between the MPC8280, CODEC, and
S/T transceiver. One of the MPC8280’s SCCs is configured to HDLC mode to handle the D channel;
another MPC8280’s SCC is used to rate adapt the terminal data stream over the first B channel. That SCC
is configured for HDLC mode if V.120 rate adaptation is required. The second B channel is then routed to
the CODEC as a digital voice channel, if preferred. The SPI is used to send initialization commands and
periodically check status from the S/T transceiver. The SMC connected to the terminal is configured for
UART.
MPC8280
S/T
S/T
U
U
S/T
S/T
IDL1
S/T
Interfaces
IDL2
ISDN TE
NT
U
Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com