Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 603 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 603 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 599Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 600Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 601Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 602Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 603Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 604Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 605Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 606Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 607Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 603 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
15-25
Table 15-7 describes SIxCMDR fields.
15.5.5
SI Status Registers (SI
xSTR)
The SI status register (SIxSTR), shown in Figure 15-20, identifies the current-route RAM. SIxSTR values
are valid only when the corresponding SIxCMDR bit = 0.
Table 15-8 describes SIxSTR fields.
15.6
Serial Interface IDL Interface Support
The IDL interface is a full-duplex ISDN interface used to connect a physical layer device to the MPC8280.
The MPC8280 supports both the basic and primary rate of the IDL bus. In the basic rate of IDL, data on
three channels (B1, B2, and D) is transferred in a 20-bit frame, providing a full-duplex bandwidth of 160
Table 15-7. SI
xCMDR Field Description
Bits
Name
Description
0, 2, 4, 6 CSRRx Change shadow RAM for TDM a, b, c, or d receiver. Set CSRRx causes the SI receiver to replace
the current route RAM with the shadow RAM. Set by the user and cleared by the SI.
0 The receiver shadow RAM is not valid. The user can write into the shadow RAM to program a
new routing.
1 The receiver shadow RAM is valid. The SI exchanges between the RAMs and take the new
receive routing from the receiver shadow RAM. Cleared as soon as the switch has completed.
1, 3, 5, 7 CSRTx Change shadow RAM for TDM a, b, c, or d transmitter. Set CSRTx causes the SI transmitter to
replace the current route RAM with the shadow RAM. Set by the user and cleared by the SI.
0 The transmitter shadow RAM is not valid. The user can write into the shadow RAM to program a
new routing.
1 The transmitter shadow RAM is valid. The SI exchanges between the RAMs and take the new
transmitter routing from the receiver shadow RAM. Cleared as soon as the switch has completed.
01234567
Field
CRORA
CROTA
CRORB
CROTB
CRORC
CROTC
CRORD
CROTD
Reset
0000_0000
R/W
R
Addr
11B2C (SI1STR), 11B4C (SI2STR)
Figure 15-20. SI Status Registers (SI
xSTR)
Table 15-8. SI
xSTR Field Descriptions
Bits
Name
Description
0, 2, 4, 6
CRORx
Current-route original receiver. Determines whether the current-route receiver RAM is the original
or the shadow.
0 The current-route receiver RAM is the lower address area.
1 The current-route receiver RAM is the upper address area.
1, 3, 5, 7
CROTx
Current-route original transmitter. Determines whether the current-route transmitter RAM is the
original or the shadow.
0 The current-route transmitter RAM is the lower address area.
1 The current-route transmitter RAM is the upper address area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com