Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 611 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 611 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 607Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 608Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 609Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 615Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
15-33
When the receive and transmit section uses the same clock and sync signals, these sections should be
programmed to the same configuration. Also, the L1TXDx pin in the I/O register should be programmed
to be an open-drain output. To support the monitor and the C/I channels in GCI, those channels should be
routed to one of the SMCs. To support the D channel when there is no possibility of collision, the user
should clear the SIxMR[GRx] bit corresponding to the SCC that supports the D channel.
15.7.2.2
SCIT Programming
For interfacing the GCI/SCIT bus, SIxMR must be programmed to the GCI/SCIT mode. The SIx RAM is
programmed to support a 96-bit frame length and the frame sync is programmed to the GCI sync pulse.
Generally, the SCIT bus supports the D channel access collision mechanism. For this purpose, the user
should program the CRTx bits so the receive and transmit sections use the same clock and sync signals and
program the GRx bits to transfer the D channel grant to the SCC that supports this channel. The received
(grant) bit should be marked by programming the channel select bits of the SIx RAM to 0b0111 for an
internal assertion of a strobe on this bit. This bit is sampled by the SI and transferred to the D-channel SCC
as the grant. The bit is generally bit 4 of the C/I in channel 2 of the GCI, but any other bit can be selected
using the SIx RAM.
For example, assuming that SCC1 is connected to the D channel, SCC2 to the B1 channel, and SMC2 to
the B2 channel, SMC1 is used to handle the C/I channels, and the D-channel grant is on bit 4 of the C/I on
SCIT channel 2, the initialization sequence is as follows:
1. Program both the Tx and Rx sections of the SIx RAM as in Table 15-12 beginning at addresses 0
and 1024, respectively.
2. SI1AMR = 0x00c0. TDMa is used in double speed clock and common Rx/Tx modes. SCIT mode
is used in this example.
NOTE
If SCIT mode is not used, delete the last three entries of the SIx RAM, divide
one entry into two and set the LST bit in the new last entry.
3. CMXSMR = 0x88. SMC1 and SMC2 are connected to the TSA.
Table 15-12. SI
x RAM Entries for a GCI Interface (SCIT Mode)
Entry
Number
SI
x RAM Entry
MCC
SWTR
SSEL
CSEL
CNT
BYT
LST
Description
0
0
0
0000
0010
000
1
0
8 Bits SCC2
1
0
0
0000
0110
000
1
0
8 Bits SMC2
2
0
0
0000
0101
000
1
0
8 Bits SMC1
3
0
0
0000
0001
001
0
0
2 Bits SCC1
4
0
0
0000
0101
101
0
0
6 Bits SMC1
5
0
0
0000
0000
110
1
0
Skip 7 bytes
6
0
0
0000
0000
001
0
0
Skip 2 bits
7
0
0
0000
0111
000
0
1
D grant bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com