Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 614 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 614 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 610Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 611Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 616Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 617Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 618Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
16-2
Freescale Semiconductor
Figure 16-1 shows a block diagram of the CMX.
Figure 16-1. CPM Multiplexing Logic (CMX) Block Diagram
16.1
Features
The NMSI mode supports the following:
•
Each FCC, SCC, and SMC can be programmed independently to work with a serial device’s own
set of pins in a non-multiplexed manner.
•
Each FCC can be connected to its own MII (media-independent interface).
•
FCC1 can also be connected to an 8- or 16-bit ATM UTOPIA level-2 interface (not on the
MPC8270).
•
FCC2 can also be connected also to an 8-bit ATM UTOPIA level-2 interface (not on the
MPC8270).
Time-Slot Assigner
SI
x
TDM A
x, Bx, Cx, Dx
Pins
Strobes
Register Bus
TDM A
x, Bx, Cx, Dx
SMC1
Nonmultiplexed Serial Interface (NMSI) Pins
Clocks
CPM MUX
BRGs
To Serials:
UTOPIA
Address
Register
2
(CMXUAR)
SMC
Clock
Register
(CMXSMR)
SCC
Clock
Register
(CMXSCR)
FCC
Clock
Register
(CMXFCR)
SI
x
Clock
Registers
(CMXSI
xCR)
SMC1
MCCs
MUX
MII3
FCC3
MUX
MII2/
FCC2
MUX
MII1/
FCC1
MUX
SCC4
SCC4
MUX
SCC3
SCC3
MUX
SCC2
SCC2
MUX
SCC1
SCC1
MUX
SMC2
SMC2
MUX
UTOPIA
8/16
2
UTOPIA
8
2
MUX
TC Layer1 (Option for FCC2 Only)
Note:
1 MPC8280 only.
2 Not on MPC8270.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com