Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 616 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 616 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 612Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 613Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 614Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 615Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 616Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 617Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 618Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 619Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 620Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 616 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
16-4
Freescale Semiconductor
Figure 16-2. Enabling Connections to the TSA
16.3
NMSI Configuration
The CMX supports an NMSI mode for each of the FCCs, SCCs, and SMCs. Each serial device is
connected independently either to the NMSI or to the TSA using the clock route registers. The user should
note, however, that NMSI pins are multiplexed with other functions at the parallel I/O lines. Therefore, if
a combination of TDM and NMSI channels are used, consult the MPC8280’s pinout to determine which
FCC, SCC, and SMC to connect and where to connect them.
The clocks provided to the FCCs, SCCs, and SMCs are derived from a bank of 8 internal BRGs and 20
external CLK pins; see Figure 16-3. There are two main advantages to the bank-of-clocks approach. First,
a serial device is not forced to choose a serial device clock from a predefined pin or BRG; this allows a
flexible pinout-mapping strategy. Second, a group of serial receivers and transmitters that needs the same
clock rate can share the same pin. This configuration leaves additional pins for other functions and
minimizes potential skew between multiple clock sources.
En
En
En
En
SI RAMs
Time-Slot
Assigners
TDM a,b,c,d Enable = 1
TDM a Pins
TDM b Pins
TDM c Pins
TDM d Pins
FCC1
FCC2
FCC3
SCC1
SCC2
SCC3
SCC4
SMC1
SMC2
MII1/UTOPIA 8/16/M-phy
FC1 = 0
MII2/UTOPIA 8/M-phy
FC2 = 00
MII3
FC3 = 0
SCC1 Pins
SC1 = 0
SCC2 Pins
SC2 = 0
SCC3 Pins
SC3 = 0
SCC4 Pins
SC4 = 0
SMC1 Pins
SMC1 = 0
SMC2 Pins
SMC2 = 0
MCCs
TDM a channels
TDM b channels
TDM c channels
TDM d channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com