Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 620 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 620 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 616Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 617Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 618Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 619Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 620Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 624Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 620 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
16-8
Freescale Semiconductor
NOTE
Each SADx and MADx corresponds to a pair of separate receive and
transmit address pins.
The MPC8280 has 16 output address pins and 10 input address pins dedicated for the UTOPIA interface.
However, it has two FCCs with two parts each—receiver and transmitter that can be ether master or slave
concurrently. The MPC8280 allows both FCC1 and FCC2 to connect to the address lines without putting
limitations on being a master or slave, as described in the following:
•
For master mode: The user has two groups of eight address pins each. Three pins from each group
are always connected to FCC1 and three are always connected to FCC2. The user decides which
FCC uses the remaining two pins by programming CMXUAR[MADx]. See Figure 16-5.
8–9
F1IRB
FCC1 internal rate BRG selection. Selects the BRG to be connected to FCC 1 for internal rate
operation. Used by the ATM controller; see Section 31.2.1.5, “Transmit External Rate and Internal
Rate Modes.”
00 FCC1 internal rate clock is BRG5.
01 FCC1 internal rate clock is BRG6.
10 FCC1 internal rate clock is BRG7.
11 FCC1 internal rate clock is BRG8.
10–11
F12IRB FCC2 internal rate BRG selection. Selects the BRG to be connected to FCC 2 for internal rate
operation. Used by the ATM controller; see Section 31.2.1.5, “Transmit External Rate and Internal
Rate Modes.”
00 FCC2 internal rate clock is BRG5.
01 FCC2 internal rate clock is BRG6.
10 FCC2 internal rate clock is BRG7.
11 FCC2 internal rate clock is BRG8.
12–15
—
Reserved, should be cleared.
Table 16-2. CMXUAR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com