Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 624 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 624 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 620Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 621Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 622Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 623Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 628Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
16-12
Freescale Semiconductor
16.4.2
CMX SI1 Clock Route Register (CMXSI1CR)
The CMX SI1 clock route register (CMXSI1CR), displayed in Figure 16-8, defines the connection of SI1
to the clock sources that can be input from the bank of clocks.
Table 16-3 describes CMXSI1CR fields.
01234567
Field
RTA1CS
RTB1CS
RTC1CS
RTD1CS
TTA1CS
TTB1CS
TTC1CS
TTD1CS
Reset
0000_0000
R/W
R/W
Addr
0x11B00
Figure 16-8. CMX SI1 Clock Route Register (CMXSI1CR)
Table 16-3. CMXSI1CR Field Descriptions
Bits
Name
Description
0
RTA1CS
Receive TDM A1 clock source
0 TDM A1 receive clock is CLK1.
1 TDM A1 receive clock is CLK19.
1
RTB1CS
Receive TDM B1 clock source
0 TDM B1 receive clock is CLK3.
1 TDM B1 receive clock is CLK9.
2
RTC1CS
Receive TDM C1 clock source
0 TDM C1 receive clock is CLK5.
1 TDM C1 receive clock is CLK13.
3
RTD1CS
Receive TDM D1 clock source
0 TDM D1 receive clock is CLK7.
1 TDM D1 receive clock is CLK15.
4
TTA1CS
Transmit TDM A1 clock source
0 TDM A1 transmit clock is CLK2.
1 TDM A1 transmit clock is CLK20.
5
TTB1CS
Transmit TDM B1 clock source
0 TDM B1 transmit clock is CLK4.
1 TDM B1 transmit clock is CLK10.
6
TTC1CS
Transmit TDM C1 clock source
0 TDM C1 transmit clock is CLK6.
1 TDM C1 transmit clock is CLK14.
7
TTD1CS
Transmit TDM D1 clock source
0 TDM D1 transmit clock is CLK8.
1 TDM D1 transmit clock is CLK16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com