Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 628 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 628 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 624Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 625Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 626Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 631Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 632Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
16-16
Freescale Semiconductor
16.4.5
CMX SCC Clock Route Register (CMXSCR)
The CMX SCC clock route register (CMXSCR), seen in Figure 16-11, defines the connection of the SCCs
to the TSA and to the clock sources from the bank of clocks. This register also enables the use of the
external grant pin.
Table 16-6 describes CMXSCR fields.
21–23
TF3CS
Transmit FCC3 clock source (NMSI mode). Ignored if FCC3 is connected to the TSA (FC3 = 1).
000 FCC3 transmit clock is BRG5.
001 FCC3 transmit clock is BRG6.
010 FCC3 transmit clock is BRG7.
011 FCC3 transmit clock is BRG8.
100 FCC3 transmit clock is CLK13.
101 FCC3 transmit clock is CLK14.
110 FCC3 transmit clock is CLK15.
111 FCC3 transmit clock is CLK16.
24–31
—
Reserved, should be cleared
0
1
2
45
78
9
10
12
13
15
Field GR1
SC1
RS1CS
TS1CS
GR2
SC2
RS2CS
TS2CS
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11B08
16
17
18
20
21
23
24
25
26
28
29
31
Field GR3
SC3
RS3CS
TS3CS
GR4
SC4
RS4CS
TS4CS
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x11B0A
Figure 16-11. CMX SCC Clock Route Register (CMXSCR)
Table 16-6. CMXSCR Field Descriptions
Bits
Name
Description
0
GR1
Grant support of SCC1
0 SCC1 transmitter does not support the grant mechanism. The grant is always asserted internally.
1 SCC1 transmitter supports the grant mechanism as determined by the GMx bit of a serial device
channel.
1
SC1
SCC1 connection
0 SCC1 is not connected to the TSA and is either connected directly to the NMSIx pins or is not
used. The choice of general-purpose I/O port pins versus SCCn pins is made in the parallel I/O
control register.
1 SCC1 is connected to TSA of the SIs. The NMSIx pins are available for other purposes.
Table 16-5. CMXFCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com