Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 631 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 631 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 627Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 628Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 629Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 630Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 631Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 632Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 633Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 634Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 635Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 631 / 1386 page
background image
CPM Multiplexing
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
16-19
16.4.6
CMX SMC Clock Route Register (CMXSMR)
The CMX SMC clock route register (CMXSMR), shown in Figure 16-12, defines the connection of the
SMCs to the TSA and to the clock sources from the bank of clocks.
Table 16-7 describes CMXSMR fields.
26–28
RS4CS Receive SCC4 clock source (NMSI mode). Ignored if SCC4 is connected to the TSA (SC4 = 1).
000 SCC4 receive clock is BRG1.
001 SCC4 receive clock is BRG2.
010 SCC4 receive clock is BRG3.
011 SCC4 receive clock is BRG4.
100 SCC4 receive clock is CLK5.
101 SCC4 receive clock is CLK6.
110 SCC4 receive clock is CLK7.
111 SCC4 receive clock is CLK8
29–31
TS4CS
Transmit SCC4 clock source (NMSI mode). Ignored if SCC4 is connected to the TSA (SC4 = 1).
000 SCC4 transmit clock is BRG1.
001 SCC4 transmit clock is BRG2.
010 SCC4 transmit clock is BRG3.
011 SCC4 transmit clock is BRG4.
100 SCC4 transmit clock is CLK5.
101 SCC4 transmit clock is CLK6.
110 SCC4 transmit clock is CLK7.
111 SCC4 transmit clock is CLK8
01234567
Field
SMC1
—
SMC1CS
SMC2
—
SMC2CS
Reset
0000_0000
R/W
R/W
Addr
0x11B0C
Figure 16-12. CMX SMC Clock Route Register (CMXSMR)
Table 16-7. CMXSMR Field Descriptions
Bits
Name
Description
0
SMC1
SMC1 connection
0 SMC1 is not connected to the TSA and is either connected directly to the NMSIx pins or is not
used. The choice of general-purpose I/O port pins versus SMCn pins is made in the parallel I/O
control register.
1 SMC1 is connected to the TSA of the SIs. The NMSIx pins are available for other purposes.
1
—
Reserved, should be cleared
Table 16-6. CMXSCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com