Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 635 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 635 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 631Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 632Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 633Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 634Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 639Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 635 / 1386 page
background image
Baud-Rate Generators (BRGs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
17-3
Table 17-1 describes the BRGCx fields.
Table 17-2 shows the possible external clock sources for the BRGs.
Table 17-1. BRGC
x Field Descriptions
Bits
Name
Description
0–13
—
Reserved, should be cleared.
14
RST
Reset BRG. Performs a software reset of the BRG identical to that of an external reset. A reset
disables the BRG and drives BRGO high. This is externally visible only if BRGO is connected to the
corresponding parallel I/O pin.
0 Enable the BRG.
1 Reset the BRG (software reset).
15
EN
Enable BRG count. Used to dynamically stop the BRG from counting—useful for low-power modes.
0 Stop all clocks to the BRG.
1 Enable clocks to the BRG.
16–17
EXTC
External clock source. Selects the BRG input clock. See Table 17-2..
00 The BRG input clock comes from the BRGCLK (internal clock generated from the CPM clock);
see Section 10.4, “System Clock Control Register (SCCR).”
01 If BRG1, 2, 5, 6: The BRG input clock comes from the CLK3 pin.
If BRG3, 4, 7, 8: The BRG input clock comes from the CLK9 pin
10 If BRG1, 2, 5, 6: The BRG input clock comes from the CLK5 pin.
If BRG3, 4, 7, 8: The BRG input clock comes from the CLK15 pin
11 Reserved.
18
ATB
Autobaud. Selects autobaud operation of the BRG on the corresponding RXD. ATB must remain
zero until the SCC receives the three Rx clocks. Then the user must set ATB to obtain the correct
baud rate. After the baud rate is obtained and locked, it is indicated by setting AB in the UART event
register.
0 Normal operation of the BRG.
1 When RXD goes low, the BRG determines the length of the start bit and synchronizes the BRG
to the actual baud rate.
19–30
CD
Clock divider. CD presets an internal 12-bit counter that is decremented at the DIV16 output rate.
When the counter reaches zero, it is reloaded with CD. CD = 0xFFF produces the minimum clock
rate for BGRO (divide by 4,096); CD = 0x000 produces the maximum rate (divide by 1). When
dividing by an odd number, the counter ensures a 50% duty cycle by asserting the terminal count
once on clock low and next on clock high. The terminal count signals counter expiration and toggles
the clock. See Section 17.3, “UART Baud Rate Examples.”
31
DIV16
Divide-by-16. Selects a divide-by-1 or divide-by-16 prescaler before reaching the clock divider. See
Section 17.3, “UART Baud Rate Examples.”
0 Divide by 1.
1 Divide by 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com