Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 639 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 639 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 635Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 636Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 637Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 638Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 643Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 639 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
18-1
Chapter 18
Timers
The CPM includes four identical 16-bit general-purpose timers or two 32-bit timers. Each general-purpose
timer consists of a timer mode register (TMR), a timer capture register (TCR), a timer counter (TCN), a
timer reference register (TRR), a timer event register (TER), and a timer global configuration register
(TGCR). The TMRs contain the prescaler values programmed by the user.
Figure 18-1 shows the timer block diagram.
Figure 18-1. Timer Block Diagram
Pin assignments for TINx, TGATEx, and TOUTx are described in Section 41.5, “Ports Tables.”
18.1
Features
The key features of the timer include the following:
•
The maximum input clock is the bus clock
•
Maximum period of 4 seconds (at 66 MHz)
Timer
Capture
Detection
Timer Event Register
Mode Register
Mode Bits
Prescaler
Timer Counter (TCN)
Capture Register
Reference Register
Divider
Clock
TER1
TMR1
TCN1
TRR1
TCR1
Bus
TIN1
TOUT1
Timer1
Timer2
Timer3
Timer4
Global Configuration Register
TGATE1
TGATE2
TGCR
TIN2
TIN3
TIN4
TOUT2
TOUT3
TOUT4
Clock
Clock
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com