Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 643 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 643 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 639Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 640Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 641Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 642Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 643Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 644Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 645Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 646Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 647Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 643 / 1386 page
background image
Timers
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
18-5
The TGCR2 register is shown in Figure 18-4.
Table 18-2 describes TGCR2 fields.
18.2.3
Timer Mode Registers (TMR1–TMR4)
The four timer mode registers (TMR1–TMR4) are shown in Figure 18-5.
Erratic behavior may occur if TGCR1 and TGCR2 are not initialized before the TMRs. Only TGCR[RST]
can be modified at any time.
01234567
Field
CAS4
—
STP4
RST4
GM2
—
STP3
RST3
Reset
0000_0000
R/W
R/W
Addr
0x10D84
Figure 18-4. Timer Global Configuration Register 2 (TGCR2)
Table 18-2. TGCR2 Field Descriptions
Bit
Name
Description
0
CAS4
Cascade timers.
0 Normal operation.
1 Timers 3 and 4 cascades to form a 32-bit timer.
1
—
Reserved, should be cleared.
2
STP 4
Stop timer.
0 Normal operation.
1 Reduce power consumption of the timer. This bit stops all clocks to the timer, except the clock
from the internal bus interface, which allows the user to read and write timer registers. The clocks
to the timer remain stopped until the user clears this bit or a hardware reset occurs.
3
RST4
Reset timer.
0 Reset the corresponding timer (a software reset is identical to an external reset).
1 Enable the corresponding timer if the STP bit is cleared.
4
GM2
Gate mode for TGATE2. This bit is valid only if the gate function is enabled in TMR3 or TMR4.
0 Restart gate mode. TGATE2 is used to enable/disable the count. The falling edge of TGATE2
enables and restarts the count and the rising edge of TGATE2 disables the count.
1 Normal gate mode. This mode is the same as 0, except the falling edge of TGATE2 does not
restart the count value in TCN.
5
—
Reserved, should be cleared.
6
STP3
Stop timer.
0 Normal operation.
1 Reduce power consumption of the timer. This bit stops all clocks to the timer, however it is
possible to read the values while the clock is stopped. The clocks to the timer remain stopped
until the user clears this bit or a hardware reset occurs.
7
RST3
Reset timer.
0 Reset the corresponding timer (a software reset is identical to an external reset).
1 Enable the corresponding timer if STP = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com